Part Number Hot Search : 
10019 9161A 74HCT241 NTD4863N CD451 2412W RGP0212E SDM5013
Product Description
Full Text Search
 

To Download SR5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SR5100
Elektronische Bauelemente
VOLTAGE 100V 5.0 Amp Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
DO-27
FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction
.220(5.6) .189(4.8) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Lead solderable per MIL-STD-202, method 208 guaranteed * Polarity: As Marked * Mounting position: Any * Weight: 1.10 grams(Approximately)
.052(1.3) .043(1.1) DIA.
.375(9.5) .285(7.2)
1.0(25.4) MIN.
Dimens ions in inches and (millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage (IF = 5 Amps,TA= 25 C) Maximum Instantaneous Forward Voltage (IF = 5 Amps,TA= 125 C) Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance RJC (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG
NOTES:
SR5100 100 100 100 5 150 0.82 0.70 0.05 20 700 12 -50 ~ +150 -65 ~ +175
UNITS V V V A A V mA mA pF C/W C C
Ta=25 C Ta=125 C
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C. 2. Thermal Resistance Junction to Case.
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jul -2008 Rev. B
Page 1 of 2
SR5100
VOLTAGE 100V
Elektronische Bauelemente
5.0Amp Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES
Typical Forward Current Derating Curve
50
7 6
Typical Forward Characteristic
Average Forward Current (A)
5
4 3 2 1 0 20 50 100 150
Instantaneous Forward Current (A)
5 75J 100J 2 50J 25J
190
1
Tc, Case Temperature (J)
Typical Junction Capacitance
400
0.1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
Forward Voltage (V)
Junction Capacitance (pF)
300
200
100
Typical Reverse Characteristic
10
0
0.1
1
10
100
Revise Voltage (%)
100J
1
200
Peak Forwad surge Current (A)
Reverse Current(mA)
Maximum Non- Repetitive Forward Surge Current
160
Tj=25J
8.3mS Single half Sine Wave JEDEC Method
0.1
75J
120
80
0.01
50J
40
25J
0 0 10 100
0.001 10
30
50
70
90
110
Number of Cycles at 60Hz
http://www.SeCoSGmbH.com
Reverse Voltage(V)
Any changing of specification will not be informed individual
01-Jul-2008 Rev. B
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SR5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X